PART |
Description |
Maker |
CY2077 CY2077FSI CY2077SI CY2077ZC CY2077ZI CY2077 |
High-accuracy EPROM Programmable Single-PLL Clock Generator(高精度EPROM,可编程单PLL时钟发生 High-accuracy PLL with 12-bit multiplier and 10-bit divider
|
Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
RT9801APE RT9801BPE RT9801AGE RT9711CPB RT9711CPBG |
80mΩ, 1.5A/0.6A High-Side Power Switches with Flag 80m惟, 1.5A/0.6A High-Side Power Switches with Flag 80m楼?, 1.5A/0.6A High-Side Power Switches with Flag 80mヘ, 1.5A/0.6A High-Side Power Switches with Flag User Programmable Micro-Power Voltage Detectors
|
Richtek Technology Corporation
|
BTS428L2 Q67060-S7403-A2 BTS428-L2 |
High Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs 16-TSSOP -55 to 125 智能高侧电源开关一个频道:60mз状态反 Smart High Side Switches - 4,75-41V, 60mΩ 7A Limit(scr) 17A T0 220 Smart High-Side Power Switch One Channel: 60m Status Feedback Smart High-Side Power Switch One Channel: 60mз Status Feedback
|
INFINEON[Infineon Technologies AG]
|
ADP3338 ADP3338AKC-18 ADP3338AKC-25 ADP3338AKC-285 |
0.3-8.5V; high accuracy ultralow 1A anyCAP low dropout regulator. For notebook, palmtop computers, SCSI terminators, battery-powered systems CONNECTOR 5 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO4 Two, Three and Four Cell Lithium or Lithium-Polymer Battery Protection AFE 30-TSSOP -40 to 110 高精度超低智商,一甲,anyCAP低压差稳压器 High-Accuracy Ultralow IQ/ 1 A/ anyCAP Low Dropout Regulator JT 55C 55#20 PIN RECP JT 100C 100#22D PIN RECP Circular Connector; No. of Contacts:21; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:22-21 RoHS Compliant: No From old datasheet system High-Accuracy Ultralow IQ, 1 A, anyCAP Low Dropout Regulator High Accuracy Ultralow Quiscent Current, 1A, any CAPDropout Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
ADP3300ART-3-REEL ADP3300ART-3-REEL7 ADP3300ART-5- |
0.3-16V; high accuracy anyCAP 50mA low dropout linear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulators, bar code scanners, camcoders, cameras High Accuracy anyCAP 50 mA Low Dropout Linear Regulator High Accuracy anyCAP? 50 mA Low Dropout Linear Regulator High Accuracy anyCAP® 50 mA Low Dropout Linear Regulator High Accuracy anyCAP50 mA Low Dropout Linear Regulator THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.7 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN 3.3 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN 3.2 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 LEAD FREE, ULTRA SMALL, SOT-23, 6 PIN 3.2 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN
|
Analog Devices, Inc. ANALOG DEVICES INC
|
VRH1001LLX VRH1001LTX VRH1001LVX VRH1001NLX VRH100 |
High speed, Low dropout, 1% High output accuracy CMOS Voltage Regulator with On/Off circuit
|
AnaSem Hong Kong Limite... AnaSem Hong Kong Limited
|
MP4012DS |
High-Brightness, High-Current Accuracy WLED Controller
|
Monolithic Power Systems
|
EV4013-S-00A |
High-Brightness High-Current Accuracy WLED Controller
|
Monolithic Power System...
|
EV4008-S-00A |
High-Brightness High-Current Accuracy WLED Controller
|
Monolithic Power System...
|
BTS5234L |
Smart High Side Switches - 4,5-28V; 2x60mOhm Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
|
INFINEON[Infineon Technologies AG]
|
BTS840S2 BTS840-S2 |
Smart High Side Switches - 5,0-34V, 2x30mΩ Limit(scr) 24A DSO-20-12 Smart High-Side Power Switch Two Channels: 2 x 30m Current Sense Smart High-Side Power Switch Two Channels: 2 x 30mз Current Sense
|
INFINEON[Infineon Technologies AG]
|